Part Number Hot Search : 
1414C 68600 2MBI3 SSFP5N65 SK893 6N136 478M00 2MBI3
Product Description
Full Text Search
 

To Download TEC-A1-3V-XX-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Analog Technologies, Inc.
TEC-A1LD
HIGH EFFICIENCY TEC CONTROLLER
Main features: high efficiency, high precision, high reliability, zero EMI, and surface mount. Specifications Target* temp. stability v.s. ambient temp.: Target temp. offset: Target temp. response time: Efficiency: Max. output current: Max. output voltage: Power supply voltage: Set-point temp.** control voltage: Packaging: Shielding: Default set-point temp. range***: 0.002C/C 0.01C to 0.1C in less than 5 seconds at 1C step 90% 2.5A externally adjustable from 0V to Vps - 0.2V 3.1V to 3.5V or 4.75V to 5.25V (specify 3.3V or 5V when ordering) 0 to Vps surface mount or through hole complete metal shielding on all 6 sides 15C to 37C @Vps = 3.3V 15C to 50C @Vps = 5V Operating ambient temp. range: * -25C to 85C
Target temperature refers to the actual cold side temperature of the TEC, on where the target is mounted.
** Set-point temperature is the temperature desired to have on the target. *** Can be customized to any range by requirement.
Thermistor t Temperature Measurement Circuit Thermal Load 12 Compensation Network Temperature 12 Monitor Circuit High Efficiency 12 H Bridge Drive + TEC -
Set-point Temp.
Temp. Good Indication Temp. Output
Figure 1 TEC Controller Block Diagram
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
(c) Copyright 2000 - 2003, Analog Technologies, Inc. All Rights Reserved.
1
Analog Technologies, Inc.
4.75V to 5.25V or 3.1V to 3.3V GND Rm D/A Rm
TEC-A1LD
TEC Controller
16 15 14 3 5 4
VPS PGND PGND TEMPSP TECCRT GND 3V TEMPGD SDNG TEMP CMIN 7
TECPOS
12 + TEC 13 -
TECNEG
Voltage Ref. To Microprocessor From Microprocessor
2 1 9 8
RTH
11 t Thermistor Rth = 10K @ 25 oC
GND VTEC 6 Rp 3M Ci 0.22uF
10
A/D
Ri
3M
Compensation network (Can be internal or external)
Cd Rd 1M 0.33uF
Figure 2 TEC Controller Connections
Pin Descriptions Pin 1, TEMPGD, Temperature good indication. It is pulled high when the set-point temperature and the actual target temperature are less than 0.1C in difference. The internal pull up resistor to Vps is 10K Ohm. The pull down resistance is 250 Ohm @ Vps = 5V and 330 Ohm @ Vps = 3.3V. Pin 2, 3V, reference voltage output, 3V. It can be used for external A/D's and/or D/A's. Maximum output sourcing current 1.5mA and sinking current is 4mA. Vo = 50ppm/C max. Pin 3, TEMPSP, target temperature set-point value. The open circuit voltage is 1.5V, corresponding to a set-point temperature of 25C. When Vps = 5V, it can be set from 0V to 5V and the set-point temperature changes from 15C to 50C (See the curve in the back). The input impedance is 10K. When Vps = 3.3V, the max. TEMPSP can be set to 3.3V, corresponding to 37C. This pin can be set by using a D/A, a POT, or a single resister. When the set-point temp. is fixed at 25C, leave this pin unconnected. Pin 4, GND, signal ground for the A/D, D/A and the thermistor. Pin 5, TECCRT, TEC control voltage input. It can be left unconnected or used to control the TEC voltage directly. Set TECCRT between 0V to Vps, the voltage across TEC will be: TEC voltage = Vps - 2*TECCRT. It can also be used to configure the maximum voltage cross the TEC: Max. TEC voltage = Vps*Rm/(Rm+10K), where Rm is the resistance of the two resistors one between TECCRT to GND and the other between TECCRT to Vps, see Figure 2.
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
(c) Copyright 2000 - 2003, Analog Technologies, Inc. All Rights Reserved.
2
Analog Technologies, Inc.
TEC-A1LD
Pin 6, VTEC, TEC voltage indication. TEC voltage = [max. TEC voltage]*[Vps - 2*VTEC]/Vps. When TECCRT is used to control the TEC voltage directly, measure TECCRT to derive the TEC voltage instead, and use this formula: TEC voltage = Vps - 2*TECCRT. The maximum driving current of pin VTEC is 30mA and the output voltage swing is 0V to Vps. Pin 7, CMIN, compensation input pin for the thermal control loop. Leave it open in production. When prototyping, use this pin with a tuner on the evaluation board, TTV2.1 (produced by ATI) to tune the compensation network to match the characteristics of the thermal load. Pin 8, TEMP, actual target temperature. It swings from 0V to Vps, corresponds to 15C to 37C when Vps is 3.3V and 15C to 50C when Vps equals 5V, see the curve in the below. Pin 9, SDNG, shut down control. When pulled low, it shuts down the controller. Leave it open or pull it high to activate the controller. This pin is internal pull up by a resister of 100K to Vps. Pin 10, GND, signal ground, internally connected to Pin 4 GND. Can be used for connecting the thermistor. Pin 11, RTH, connect to the thermistor for sensing the target temp. Thermistor's other end connects to the signal ground, pin 4 or pin 10. Rth = 10K @ 25C. Other thermistors or temperature sensors can also be used, Consult with us. Pin 12, TECPOS, connects to TEC positive terminal. Pin 13, TECNEG, connects to TEC negative terminal. Pin 14, PGND, power ground for connecting to the power supply. Pin 15, PGND, power ground for connecting to the power supply, internally connected with pin 14. Pin 16, VPS, positive power supply rail. Two possible values: 3.3V and 5V, depending on the module. Mounting the TEC controller on PCB's The TEC controllers come in two types of packages: surface mount and through hole. The surface mount package has to be soldered manually, not by reflow oven. The through hole package can be mounted through a socket, soldered manually, or by wave soldering machine. Customizations It is often found that some of the default specifications do not meet our users particular need. We offer customizations on these specifications: 1. Maximum output voltage across TEC. When ordering, the part number will become: TEC-A1LD-5V-(max. TEC voltage)-D. E.g., TEC-A1LD-5V-2.5V-D. 2. Set-point temperature range. When ordering, specify the lower limit, the upper limit, and the open circuit temperature. The part number will become: TEC-A1LD-5V-2.5V-(lower temp. limit)/(upper temp. limit)/(open circuit temp.), where lower temp. limit is the temperature corresponding to TEMPSP = 0V; upper temp. limit is the corresponding to TEMPSP = 3V; open circuit temp. corresponding to TEMPSP = 1.5V or being left unconnected. E.g., TEC-A1LD-5V-2.5V-D (20/80/50).
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
(c) Copyright 2000 - 2003, Analog Technologies, Inc. All Rights Reserved.
3
Analog Technologies, Inc.
TEC-A1LD
3. Asymetrical maximum TEC voltage. The maximum TEC voltage for heating and cooling are not the same. When ordering, the part number will become: TEC-A1LD-5V-(max. TEC voltage for cooling/Max. TEC voltage for heating). E.g., TEC-A1LD-3V-2.5V/1.5V-S. More Applications If you want to use this TEC controller for other applications not discussed here, such as use it with wave locker controllers, please consult with us. The same as to other customizations, such as setting the TEMPSP by using a voltage source swings above 3V and/or Vps. Mechanical Dimensions
1 2 3 4 5 6 7 8
TEMPGD 3V TEMPSP GND TECCRT VTEC CMIN TEMP
VPS PGND PGND TECNEG TECPOS RTH GND SDNG
16 15
8 7 6
9
2.54mm
10 11 12
14
5
13 12 11
25.5mm
4 3 2 1 13 14
1.26mm
15 16
10 9
18mm 20mm
2.26mm 1.26mm
Figure 3 Top View of TEC-A1LD-S
Figure 4 Bottom View of TEC-A1LD-S
4.5mm
4.5mm
0.42mm 18mm
3mm
Figure 5 End View of TEC-A1LD-S
Figure 6 End View of TEC-A1LD-D
4.5mm 0.6mm 2.54mm 3mm
Figure 7 Side View of TEC-A1LD-D
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
(c) Copyright 2000 - 2003, Analog Technologies, Inc. All Rights Reserved.
4
Analog Technologies, Inc.
TEC-A1LD
1 2 3 4 5 6 7 8
Solder Pad
16
2.54mm
15 14 13
26mm
12 11
1.35mm
10
Outline
9
17.5mm 21.5mm
2.9mm
Figure 8 Recommended PCB Footprint
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
(c) Copyright 2000 - 2003, Analog Technologies, Inc. All Rights Reserved.
5
Analog Technologies, Inc.
Ordering Guide Part Number
TEC-A1LD-5V-XX*-D TEC-A1-5V-XX*-D TEC-A1LD-5V-XX*-S TEC-A1-5V-XX*-S TEC-A1LD-3V-XX*-D TEC-A1-3V-XX*-D TEC-A1LD-3V-XX*-S TEC-A1-3V-XX*-S
TEC-A1LD
Description
5V power supply in DIP package with internal net 5V power supply in DIP package without internal net 5V power supply in SMT package with internal net 5V power supply in SMT package without internal net 3.3V power supply in DIP package with internal net 3.3V power supply in DIP package without internal net 3.3V power supply in SMT package with internal net 3.3V power supply in SMT package without internal net
Note
Maximum output voltage across TEC can be selected from 5V, 4.8V, 4V, 3.5V, 3V, 2.5V and 2V or required one Maximum output voltage across TEC can be selected from 3V, 2.5V, 2V and 0.83V or required one
*XX stands for the maximum output voltage across TEC. E.g., TEC-A1LD-5V-3.5V-D
Differences Among Different Series of TEC Controllers Series Name
TEC-A1 TEC-A1LD
Maximum Current
2.5A 2.5A
Temp. Good Indication
Yes Yes
Internal Compensation Network
No Yes (Predefined for diode laser applications)
Package Size (mm)
25.5 x 20 x 4.2 25.5 x 20 x 4.2
Application
General purpose DWDM, EDFA or others with similar thermal load
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
(c) Copyright 2000 - 2003, Analog Technologies, Inc. All Rights Reserved.
6
Analog Technologies, Inc.
TEC-A1LD
Rth v.s. Temperature
Rth (K Ohm) 30 25 20 15 10 5 0 5 10 15 20 25 30 35 40 Temperature (C) 45 50 55 60
TEMPSP (V) 5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 15 20 25
TEMPSP v.s. Temperature
30
35
40
45
50
Temperature (C)
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
(c) Copyright 2000 - 2003, Analog Technologies, Inc. All Rights Reserved.
7
Analog Technologies, Inc.
TEC-A1LD
I Rth (uA) 114 109 104 99 94 89 84 79 74 69 64 59 54 15 20 25
I Rth v.s. Temperature
30
35
40
45
50
Temperature (C)
V Rth (V) 0.9 0.85 0.8 0.75 0.7 0.65 0.6 0.55 0.5 0.45 0.4 15 20 25
V Rth v.s. Temperature
30
35
40
45
50
Temperature (C)
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
(c) Copyright 2000 - 2003, Analog Technologies, Inc. All Rights Reserved.
8
Analog Technologies, Inc.
P Rth (uW) 54 53.5 53 52.5 52 51.5 51 50.5 50 49.5 49 48.5 48 47.5 47 46.5 46 15 P Rth v.s. Temperature
TEC-A1LD
20
25
30
35
40
45
50
Temperature (C)
Linearity Error in TEMPSP (V) 0.255 0.24 0.225 0.21 0.195 0.18 0.165 0.15 0.135 0.12 0.105 0.09 0.075 0.06 0.045 0.03 0.015 0 -0.015 15
Linearity Error in TEMPSP v.s. Temperature
20
25
30
35
40
45
50
Temperature (C)
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
(c) Copyright 2000 - 2003, Analog Technologies, Inc. All Rights Reserved.
9


▲Up To Search▲   

 
Price & Availability of TEC-A1-3V-XX-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X